* speci?ations subject to change without notice. dimensions are in mm?.25 unless stated otherwise. idea, inc., 1351 titan way, brea, ca 92821 ph:714-525-3302, 800-led-idea; fax: 714-525-3304 catalog 995a t-1, (3-mm) round, tri-level pcb mount led indicator, J183B series the J183B is a right-angle view assembly of 3 t-1 leds arranged in a column. this indicator array is designed to be a more com pact replacement part for similar units on the market and can be cmos driven to save components. recommended pitch is 4.4 mm(0.173 ") when a large number of units are placed side-by-side. this series can also be supplied with pinout reversed from that shown by adding ?rl to the order code of the part number. specify part desired as follows: J183B/order code led1 + order code led 2 + order code led 3 for example: ?183b/h+y+g designates red led on top, yellow led in the middle and green led on the bottom. ?183b/(h+y+g)-rl designates the same assembly with all leads reversed. order code and information (all ratings at 25? ambient) led lamp typical characteristics recom. op. if (ma) epoxy & type color order code peak vf (v) iv (mcd) 2 1/2 (nm) @if=20ma @if=2 ma (deg) tinted diffused red i 639 1.8 4.0 50 2 - 10 green g 575 1.7 2.5 60 2 - 10 yellow y 591 1.85 4.0 45 2 - 10 4.3(0.17") 5.08(0.2") 5.08(0.2") 2.54(0.1") 14.7 (0.58") (typ for bi-color) green anode red or yellow anode + (pinout for single color) 4.45 (.175) 10.9(0.43") 2.6 (0.1") 2.54 typ (0.1")
|